|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SRF760 - 7.5AMPS. SCHOTTKY BARRIER RECTIFIERS - Jinan Gude Electronic Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SR15A20F-G | Schottky Barrier Rectifiers | 1 2 | Comchip Technology |
| GJSBL1030CT | SCHOTTKY BARRIER RECTIFIERS | 1 2 | GTM CORPORATION |
| 1N5820_1 | 3.0A SCHOTTKY BARRIER RECTIFIERS | 1 2 | Diodes Incorporated |
| SRF1070CE | Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers | 1 2 | Mospec Semiconductor |
| SR16C20C-G | Schottky Barrier Rectifiers | 1 2 | Comchip Technology |
| GJUR0620CT | SCHOTTKY FAST BARRIER RECTIFIERS | 1 2 | GTM CORPORATION |
| SD830_1 | 8.0A SCHOTTKY BARRIER RECTIFIERS | 1 2 | Diodes Incorporated |
| CDBB320-G | SMD Schottky Barrier Rectifiers | 1 2 | Comchip Technology |
| MBR4030PT | Wide Temperature Range and High Tjm Schottky Barrier Rectifiers | 1 2 | List of Unclassifed Manufacturers |
| SR16C20CF-G | Schottky Barrier Rectifiers | 1 2 | Comchip Technology |
Datasheet Page |
1 2 |
Link URL |
|
|