|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRLZ44ZPBF - AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5mΩ , ID = 51A) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRFP2907Z | AUTOMOTIVE MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRF540ZPBF | AUTOMOTIVE MOSFET | 1 2 3 4 5 More | International Rectifier |
| STD60N55F3 | N-channel 55V - 6.5mohm - 80A - DPAK - IPAK - D2PAK - TO-220/FP STripFET TM Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| IRF1503PBF | AUTOMOTIVE MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRF2903ZPBF | AUTOMOTIVE MOSFET | 1 2 3 4 5 More | International Rectifier |
| STD65N55F3 | N-channel 55V - 8.0m ohm - 65A - DPAK STripFET TM Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| A3930 | Automotive 3-Phase BLDC Controller and MOSFET Driver | 1 2 3 4 5 More | Allegro MicroSystems |
| IRFR4105ZPBF | AUTOMOTIVE MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRLR3705ZPBF | AUTOMOTIVE MOSFET HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRFR3504ZPBF | AUTOMOTIVE MOSFET | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
|
|