|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TDA8941P - 1.5 W mono Bridge Tied Load BTL audio amplifier - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TDA8942P | 2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA8943SF | 6 W mono Bridge Tied Load BTL audio amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA8945S | 15 W mono Bridge Tied Load BTL audio amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA8944J | 2 x 7 W stereo Bridge Tied Load BTL audio amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA8946J | 2 x 15 W stereo Bridge Tied Load BTL audio amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA7056 | 3 W mono BTL audio output amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA7056A | 3 W BTL mono audio output amplifier with DC volume control | 1 2 3 4 5 More | NXP Semiconductors |
| TDA7056AT | 3 W mono BTL audio amplifier with DC volume control | 1 2 3 4 5 More | NXP Semiconductors |
| ILA7056B | 5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL | 1 2 3 4 5 More | Integral Corp. |
| NTE7051 | Integrated Circuit 1W BTL Mono Audio Amplifier | 1 2 | NTE Electronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 |
Link URL |
|
|