|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
STK17TA8 - 128Kx8 Autostore nvSRAM With Real-Time Clock - Simtek Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STK14CA8 | 128Kx8 Autostore nvSRAM | 1 2 3 4 5 More | Simtek Corporation |
| M41T81_06 | Serial access Real-Time Clock with alarm | 1 2 3 4 5 More | STMicroelectronics |
| CDP68HC68T1_06 | CMOS Serial Real-Time Clock With RAM and Power Sense/Control | 1 2 3 4 5 More | Intersil Corporation |
| M41T62_06 | Serial Access Real-Time Clock with Alarms | 1 2 3 4 5 More | STMicroelectronics |
| NBSG53A_06 | 2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip−Flop/Clock Divider with Reset and OLS | 1 2 3 4 5 More | ON Semiconductor |
| 74F377_00 | Octal D-Type Flip-Flop with Clock Enable | 1 2 3 4 5 More | Fairchild Semiconductor |
| XRT82L24A | QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR | 1 2 3 4 5 More | Exar Corporation |
| M41T00SC64 | Real-Time Clock + 64Kbit 8192 x 8 EEPROM | 1 2 3 4 5 More | STMicroelectronics |
| NB3N3011 | 3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 |
Link URL |
|
|