|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
STK14C88-3 - 32Kx8 AutoStore nvSRAM - Simtek Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STK14C88 | 32Kx8 AutoStore nvSRAM | 1 2 3 4 5 More | Simtek Corporation |
| STK11C88 | 32Kx8 SoftStore nvSRAM | 1 2 3 4 5 More | Simtek Corporation |
| STK12C68 | 8Kx8 AutoStore nvSRAM | 1 2 3 4 5 More | Simtek Corporation |
| KM62U256D | 32Kx8 bit Low Power and Low Voltage CMOS Static RAM | 1 2 3 4 5 More | Samsung semiconductor |
| BQ4011 | 32Kx8 Nonvolatile SRAM | 1 2 3 4 5 More | Texas Instruments |
| U63764 | CapStore 8K x 8 nvSRAM | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| STK10C48 | 2K x 8 nvSRAM QuantumTrap⢠CMOS Nonvolatile Static RAM | 1 2 3 4 5 More | Simtek Corporation |
| STK10C68 | 8K x 8 nvSRAM QuantumTrap⢠CMOS Nonvolatile Static RAM | 1 2 3 4 5 More | Simtek Corporation |
| STK11C48 | 2K x 8 nvSRAM QuantumTrap⢠CMOS Nonvolatile Static RAM | 1 2 3 4 5 More | Simtek Corporation |
| STK11C68 | 8Kx8 SoftStore nvSRAM | 1 2 3 4 5 More | Simtek Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 |
Link URL |
|
|