Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      LM95213(3)    LM95214(3)

Featured Products and Offers


Datasheet

    LM95213 - 2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs - National Semiconductor

Page

Part No. LM95213
Description  2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
Download  LM95213 Click to view
File Size   721.22 Kbytes / 34 Pages
Maker  NSC [National Semiconductor]
Homepage  http://www.national.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM95233Dual Remote Diode and Local Temperature Sensor with SMBus Interface TCRITs and TruTherm™ Technology 1 2 3 4 5 National Semiconductor
TMP106Digital Temperature Sensor with Two-Wire Interface 1 2 3 4 5 MoreBurr-Brown Corporation
TMP105Digital Temperature Sensor with Two-Wire Interface 1 2 3 4 5 MoreBurr-Brown Corporation
LM95214Quad Remote Diode and Local Temperature Sensor with SMBus Interface Coming SoonNational Semiconductor
LM95234Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm™ Technology 1 2 3 4 5 National Semiconductor
LM95241Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm™ Technology 65nm/90nm 1 2 3 4 5 MoreNational Semiconductor
LM73_062.7V SOT-23 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface 1 2 3 4 5 MoreNational Semiconductor
TMP1211.5C Accurate Digital Temperature Sensor with SPI Interface 1 2 3 4 5 MoreBurr-Brown Corporation
ZL50030_06Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch 1 2 3 4 5 MoreZarlink Semiconductor Inc
FM75_06Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Related keyword

  LM95213 Datasheet   LM95213 Cross Reference   LM95213 Schematic   LM95213 Distributor   LM95213 Datenblatt   LM95213 RoHS
  LM95213 Equivalent   LM95213 Application Notes   LM95213 Data Sheet   LM95213 component   LM95213 Fiche Technique   LM95213 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl