Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      NB4N121KMN(4)

Featured Products and Offers


Datasheet

    NB4N121KMN - 3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output - ON Semiconductor

Page

 
Part No. NB4N121KMN
Description  3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output
Download  NB4N121KMN Click to view
File Size   107.37 Kbytes / 10 Pages
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NB7L111M2.5V / 3.3V 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output 1 2 3 4 5 MoreON Semiconductor
NB100EP2233.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable 1 2 3 4 5 MoreON Semiconductor
MC100EP809_063.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 1 2 3 4 5 MoreON Semiconductor
NB100LVEP224_062.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable 1 2 3 4 5 MoreON Semiconductor
SY89538L_063.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer with Zero Delay 1 2 3 4 5 MoreMicrel Semiconductor
MC100EP16VT3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination 1 2 3 4 5 MoreON Semiconductor
NB6L6112.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
SY89200UUltra-Precision 1:8 LVDS Fanout Buffer with Three ÷1/÷2/÷4 Clock Divider Output Banks 1 2 3 4 5 MoreMicrel Semiconductor
NBSG72A_062.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select 1 2 3 4 5 MoreON Semiconductor
SY100E222L_063.3V 1.5GHz ÷1/÷2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor

Datasheet Page

1 2 3 4 5 6 7 8 9 10


Link URL

Related keyword

  NB4N121KMN Datasheet   NB4N121KMN Cross Reference   NB4N121KMN Schematic   NB4N121KMN Distributor   NB4N121KMN Datenblatt   NB4N121KMN RoHS
  NB4N121KMN Equivalent   NB4N121KMN Application Notes   NB4N121KMN Data Sheet   NB4N121KMN component   NB4N121KMN Fiche Technique   NB4N121KMN Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl