|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TC427 - 1.5A Dual High-Speed Power MOSFET Drivers - Microchip Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EL7202_06 | High Speed Dual Channel Power MOSFET Drivers | 1 2 3 4 5 More | Intersil Corporation |
| NCP4423 | 3A Dual High-Speed MOSFET Drivers | 1 2 3 4 5 More | ON Semiconductor |
| TC1426_06 | 1.2A Dual High-Speed MOSFET Drivers | 1 2 3 4 5 More | Microchip Technology |
| MC34151_04 | High Speed Dual MOSFET Drivers | 1 2 3 4 5 More | ON Semiconductor |
| APTM20TDUM16PG | Triple dual common source MOSFET Power Module | 1 2 3 4 5 More | Microsemi Corporation |
| APTM120DDA57T3G | Dual Boost chopper MOSFET Power Module | 1 2 3 4 5 More | Microsemi Corporation |
| NTGD4161P_06 | Power MOSFET -30 V -2.3 A Dual P-Channel TSOP-6 | 1 2 3 4 5 | ON Semiconductor |
| SFF9130-28D | -11 AMP -100 VOLTS 0.30 ohm DUAL UNCOMMITED P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| APTM10DDAM09T3G | Dual Boost chopper MOSFET Power Module | 1 2 3 4 5 More | Microsemi Corporation |
| APTM50DDA10T3G | Dual Boost chopper MOSFET Power Module | 1 2 3 4 5 More | Microsemi Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|