|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ASVTX-09 - VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR - Abracon Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| VTC21 | Voltage Controlled Temperature Compensated Crystal Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| ASTX-11 | TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| ES64 | Temperature Compensated Crystal Oscillator TCXO | Coming Soon | List of Unclassifed Manufacturers |
| ASTX-09 | TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| ASTX-H08 | SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| ASTX-H08K | 32.768KHz TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| ASFLV | 3.3Vdc HCMOS SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| ASTX-H09 | HCMOS TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| ASTX-12 | TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| ASTX-01HA | 3.3 V TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|