|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
BPR - 3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS - Bi technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BPC | 3W to 10W PLANAR HIGH POWER RESISTORS | 1 2 | Bi technologies |
| WSLT2512 | Power Metal Strip® Resistors High Temperature 275 °C Low Value down to 0.01 Ω Surface Mount | 1 2 3 | Vishay Siliconix |
| 2STW1695 | High power PNP epitaxial planar bipolar transistor | 1 2 3 4 5 More | STMicroelectronics |
| 2STW4468 | High power NPN epitaxial planar bipolar transistor | 1 2 3 4 5 More | STMicroelectronics |
| MHP100 | 100W TO-247 HIGH POWER RESISTORS | 1 2 | List of Unclassifed Manufacturers |
| FMMTL619_05 | SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR | 1 2 3 | Zetex Semiconductors |
| FXT690B | NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR | 1 2 | Zetex Semiconductors |
| FXT757 | PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR | 1 | Zetex Semiconductors |
| BUX81 | HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR | 1 2 | Seme LAB |
| PI1843DG-41H | HIGH POWER DROP-IN ISOLATOR | 1 | PREMIER DEVICES, INC. |
Datasheet Page |
1 2 |
Link URL |
|
|