Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      SCA3000(7)

Featured Products and Offers


Datasheet

    SCA3000 - 3-axis accelerometer - VTI technologies

Page

 
Part No. SCA3000
Description  3-axis accelerometer
Download  SCA3000 Click to view
File Size   498.06 Kbytes / 15 Pages
Maker  VTI [VTI technologies]
Homepage  http://www.vti.fi/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LIS302ALBMEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer 1 2 3 4 5 MoreSTMicroelectronics
LIS3L02ALMEMS INERTIAL SENSOR: 3-axis - +/-2g ultracompact linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics
LIS3L02AQ5MEMS INERTIAL SENSOR: 3-axis - ±2g/±6g LINEAR ACCELEROMETER 1 2 3 4 5 MoreSTMicroelectronics
LIS3L02AS5MEMS INERTIAL SENSOR: 3-axis - ±2g/6g LINEAR ACCELEROMETER 1 2 3 4 5 MoreSTMicroelectronics
MMA6270QT_07±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MMA1220Low G Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
SCA1000Accelerometer 1 2 3 VTI technologies
MMA6271QT_07±2.5g - 10g Two Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MMA1260Low G Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
SCA2100-D012-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Link URL

Related keyword

  SCA3000 Datasheet   SCA3000 Cross Reference   SCA3000 Schematic   SCA3000 Distributor   SCA3000 Datenblatt   SCA3000 RoHS
  SCA3000 Equivalent   SCA3000 Application Notes   SCA3000 Data Sheet   SCA3000 component   SCA3000 Fiche Technique   SCA3000 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl