|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ASE2 - 2.5Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR - Abracon Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ACOL1 | 2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| ALVD | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | 1 2 3 | Abracon Corporation |
| AP5S | HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR | 1 2 | Abracon Corporation |
| AP7S | HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR | 1 2 | Abracon Corporation |
| ABFM | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR | 1 2 3 | Abracon Corporation |
| ABNM | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | 1 2 | Abracon Corporation |
| ABVFM | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | 1 2 | Abracon Corporation |
| M213FAN | 5x7 mm 3.3 Volt HCMOS/TTL Compatible Output Clock Oscillator | 1 2 | MTRONPTI |
| K3500G_07 | 8 pin DIP 3.3 Volt CMOS Clock Oscillator | 1 2 | MTRONPTI |
| ACOL | 3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|