|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AP5S - HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR - Abracon Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M213FAN | 5x7 mm 3.3 Volt HCMOS/TTL Compatible Output Clock Oscillator | 1 2 | MTRONPTI |
| AP2S | PROGRAMMABLE CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| MHO+ | 14 pin DIP 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| ALVD | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | 1 2 3 | Abracon Corporation |
| AP3S | PROGRAMMABLE CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| M3H_0611 | 8 pin DIP 3.3 or 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| MHO3 | 14 pin DIP 3.3 Volt HCMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| MHR_0611 | 9x14 mm 5.0 Volt HCMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| M3R_0612 | 9x14 mm 3.3 Volt HCMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| ABFM | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR | 1 2 3 | Abracon Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|