Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHVX1025 Datasheet (PDF) - Abracon Corporation

AHVX1025 Datasheet PDF - Abracon Corporation
Part # AHVX1025
Download  AHVX1025 Download

File Size   450.13 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description TTL / CMOS HALF-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS

AHVX1025 Datasheet (PDF)

Go To PDF Page Download Datasheet
AHVX1025 Datasheet PDF - Abracon Corporation

Part # AHVX1025
Download  AHVX1025 Click to download

File Size   450.13 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description TTL / CMOS HALF-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS

AHVX1025 Datasheet (HTML) - Abracon Corporation

AHVX1025 Datasheet HTML 1Page - Abracon Corporation



Similar Part No. - AHVX1025

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AHV TEC-AHV Datasheet
3Mb / 26P
   THREE PHASE HIGH PERFORMANCE EMI FILTER
08/22
logo
A-Data Technology
AHV100-1TU3-CBK A-DATA-AHV100-1TU3-CBK Datasheet
266Kb / 1P
   SuperSpeed USB 3.0
AHV100-1TU3-CBL A-DATA-AHV100-1TU3-CBL Datasheet
266Kb / 1P
   SuperSpeed USB 3.0
AHV100-1TU3-CWH A-DATA-AHV100-1TU3-CWH Datasheet
266Kb / 1P
   SuperSpeed USB 3.0
AHV100-2TU3-CBK A-DATA-AHV100-2TU3-CBK Datasheet
266Kb / 1P
   SuperSpeed USB 3.0
More results


Similar Description - AHVX1025

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
   TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
   TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1224 ABRACON-ACVX1224 Datasheet
509Kb / 1P
   HIGH FREQUENCY INVERTED MESA TTL / CMOS FULL-SIZE DIP 5VDC VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
   3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACVX1240 ABRACON-ACVX1240 Datasheet
482Kb / 1P
   5Vdc SINE OUTPUT FULL-SIZE DIP VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1220L ABRACON-ACVX1220L Datasheet
289Kb / 2P
   TTL/CMOS 3.3Vdc VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACTX1018 ABRACON-ACTX1018 Datasheet
512Kb / 1P
   5Vdc or 3.3Vdc TTL / CMOSAND SINE WAVE TEMPERATURE-COMPENSATED XTAL OSCILLATORS
ASLP ABRACON-ASLP Datasheet
101Kb / 1P
   5Vdc or 3.3Vdc MINIATURE CERAMIC SURFACE MOUNT HCMOS OR TTL PROGRAMMABLE CLOCK OSCILLATORS
ACVX1220 ABRACON-ACVX1220_15 Datasheet
548Kb / 2P
   TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220 ABRACON-ACVX1220_07 Datasheet
289Kb / 2P
   TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com