|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AFC10.7M - 10.7 MHZ, LEADED LOW LOSS CERAMIC FILTERS - Abracon Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAFRIN0437 | Ultra Low Loss Isolator 925 MHz - 960 MHz | 1 2 3 | Tyco Electronics |
| B4874 | SAW Components Low Loss Filter for Mobile Communication 85 38 MHz | 1 2 3 4 5 More | EPCOS |
| MAFRIN0448 | Ultra Low Loss Isolator 860 MHz - 960 MHz | 1 2 3 | Tyco Electronics |
| B4934 | SAW Components Low Loss Filter for Mobile Communication 210 38 MHz | 1 2 3 4 5 More | EPCOS |
| B3575 | SAW Components Low Loss Filter 433 92 MHz | 1 2 3 4 5 More | EPCOS |
| B4935 | SAW Components Low Loss Filter for Mobile Communication 220 38 MHz | 1 2 3 4 5 More | EPCOS |
| B3715 | SAW Components Low Loss Filter 869 0 MHz | 1 2 3 4 5 More | EPCOS |
| B7708 | SAW Components Low Loss Filter 1575 42 MHz | 1 2 3 4 5 | EPCOS |
| B3894 | SAW Components Low Loss Filter for Mobile Communication 210 00 MHz | 1 2 3 4 5 More | EPCOS |
| B7803 | SAW Components Low Loss Filter for Mobile Communication 1950 0 MHz | 1 2 3 4 5 More | EPCOS |
Datasheet Page |
1 |
Link URL |
|
|