|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ACPEL - FUNDAMENTAL FREQUENCY, LOW JITTER 5.0V or 3.3Vdc FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS - Abracon Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ACOL | 3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| ACOS | 5Vdc SINE OUTPUT FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| ACOL1 | 2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| F1100C | 5V FR-4 Surface Mount Crystal Clock Oscillators | 1 2 | List of Unclassifed Manufacturers |
| PI6C10806 | 1.8V/2.5V 250MHz Low Skew 1:6 Crystal to LVCMOS Clock Buffer | 1 2 3 4 5 More | Pericom Semiconductor Corporation |
| K500F | 5V Crystal Clock Oscillators | 1 2 | List of Unclassifed Manufacturers |
| C5001 | Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG. | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| K1100F | 5V Crystal Clock Oscillators | 1 2 | MTRONPTI |
| K1110D | 5V Crystal Clock Oscillators | 1 2 | MTRONPTI |
| ISL14010 | Low Jitter Clock Generators for Set-Top Box | 1 2 3 4 5 | Intersil Corporation |
Datasheet Page |
1 |
Link URL |
|
|