![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : 1N6464US(1) |
|
Click Here View 1N6464US Datasheet
|
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N6102US | Voidless-Hermetically-Sealed Surface Mount Bidirectional Transient Suppressors | Microsemi Corporation |
| P4SMAJ_06 | 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| P4SMAJ180 | 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| 1N4954US | VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER | Microsemi Corporation |
| SMP11 | Surface Mount TRANSZORB Transient Voltage Suppressors | Vishay Siliconix |
| 1.5SMCJ_06 | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| P6SMBJ_06 | 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| 1.5SMCJ180 | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| P6SMBJ180 | 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| SMCJ5.0 | Surface Mount TRANSZORB Transient Voltage Suppressors | Vishay Siliconix |
| Related keyword |
| 1N6464US Datasheet | 1N6464US Cross Reference | 1N6464US Schematic | 1N6464US Distributor | 1N6464US Datenblatt | 1N6464US RoHS |
| 1N6464US Equivalent | 1N6464US Application Notes | 1N6464US Data Sheet | 1N6464US component | 1N6464US Fiche Technique | 1N6464US Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |