|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N3614 - VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLAS RECTIFIERS - Microsemi Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N5614_07 | VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS | 1 2 3 | Microsemi Corporation |
| 1N4001_05 | Axial Lead Standard Recovery Rectifiers | 1 2 3 4 5 More | ON Semiconductor |
| 1N5400_06 | Axial−Lead Standard Recovery Rectifiers | 1 2 3 4 5 More | ON Semiconductor |
| X25UFG | 2 500 V - 10 000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| SOD4001 | 1 Amp Standard Recovery Rectifier 50 to 1000 Volts | 1 2 3 | Micro Commercial Components |
| MR2400FR | 24 Amp Fast Recovery Rectifiers 50-1000 Volt | 1 2 3 4 | Micro Commercial Components |
| SDR10ASMS | 10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER | 1 2 | Solid States Devices, Inc |
| SDA380A | 10 AMPS 5usec STANDARD RECOVERY CENTERTAP RECTIFIER | 1 2 | Solid States Devices, Inc |
| SDR8400S4 | 400 AMPS 400 - 1200 VOLTS 15 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 3 |
Link URL |
|
|