|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ACHL - 3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS - Abracon Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ACOL1 | 2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| K1110D | 5V Crystal Clock Oscillators | 1 2 | MTRONPTI |
| K500F | 5V Crystal Clock Oscillators | 1 2 | List of Unclassifed Manufacturers |
| K1144B | 5V Crystal Clock Oscillators | 1 2 | MTRONPTI |
| EP9981-5 | 14 Pin DIP Delayed Pulse Width Generator TTL Compatible Active Delay Line Modules | 1 | PCA ELECTRONICS INC. |
| M3A_0611 | 8 pin DIP 5.0 or 3.3 Volt ACMOS/TTL Clock Oscillators | 1 | MTRONPTI |
| MEH_06 | 8 pin DIP 5.0 Volt ECL PECL Clock Oscillators | 1 2 | MTRONPTI |
| HSM613 | CRYSTAL CONTROLLED OSCILLATORS 3.3V Surface Mount 7.5mmx5mm Crystal Clock Oscillator | 1 2 | List of Unclassifed Manufacturers |
| RASCOPLUS | 5V Crystal Clock Oscillators | 1 2 | MTRONPTI |
| CMO3 | 3.3V 5x7mm Surface Mount Crystal Clock Oscillators | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 |
Link URL |
|
|