|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AB38T - LOW FREQUENCY, 32.768kHz CYLINDRICAL TYPE TUNING FORK CRYSTALS - Abracon Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AB26TRB | LOW FREQUENCY REFLOWABLE CYLINDRICAL WATCH CRYSTAL | 1 2 | Abracon Corporation |
| DST520 | SMD Type Tuning Fork Crystal Resonators | 1 | List of Unclassifed Manufacturers |
| 2SK2880 | FOR LOW FREQUENCY AMPLIFY APPLICATION N CHANNEL JUNCTION TYPE MICRO FRAME TYPE | 1 2 3 4 | Isahaya Electronics Corporation |
| MMCC-1_07 | Tuning Fork Crystals | 1 2 | MTRONPTI |
| MX1V-T | Low Frequency Cylindrical Crystal | 1 | Golledge Electronics Ltd |
| 2SA1284 | FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE | 1 2 3 4 | Isahaya Electronics Corporation |
| AB15T | LOW FREQUENCY CYLINDRICAL WATCH CRYSTAL | 1 | Abracon Corporation |
| PLL602-30 | 750kHz - 800MHz Low Phase Noise XO for 12 - 25MHz Crystals | 1 2 3 4 5 More | PhaseLink Corporation |
| 2SC2369 | High Frequency Low Noise Amplifier | 1 | NEC |
| 2SB1708_1 | Low frequency amplifier | 1 2 3 | Rohm |
Datasheet Page |
1 |
Link URL |
|
|