|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MPA201 - 0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier - GHz Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2A8 | 0.5 Watts 20 Volts Class A Linear to 2000 MH | 1 2 | List of Unclassifed Manufacturers |
| 1090MP | 90 Watts 50 Volts Class C Avionics 1025 - 1150 MHz | 1 2 | Advanced Power Technology |
| 2124-12L | 12 Watts 22 Volts Class C Microwave 2200 - 2400 MHz | 1 2 3 | GHz Technology |
| 2307 | 7.0 Watts - 20 Volts Class C Microwave 2300 MHz | 1 2 3 4 | GHz Technology |
| DME500 | 500 Watts 50 Volts Pulsed Avionics 1025 - 1150 MHz high power COMMON BASE bipolar transistor. | 1 2 3 | GHz Technology |
| A88_1 | Cascadable Amplifier 5 to 500 MHz | 1 2 | Tyco Electronics |
| JH-140_1 | High Frequency Quadrature Hybrid 500 - 1000 MHz | 1 2 | Tyco Electronics |
| SFF440J | 8 AMP 500 Volts 0.86 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SDM-09120 | 925-960 MHz Class AB 130W Power Amplifier Module | 1 2 3 4 5 | SIRENZA MICRODEVICES |
| MJE171_06 | Complementary Plastic Silicon Power Transistors 40 − 60 − 80 VOLTS 12.5 WATTS | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|