|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LXMG1618-12-4X - 12V 4W CCFL Programmable Inverter Module - Microsemi Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LXM1626-12-64 | 12V Dual 6W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXM1643-12-63 | 12V Quad 6W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXM1644-12-61 | 12V Quad 6W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXM1617-12-4X | 12V 4W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXM1617-12-6X | 12V 6W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXM1618-12-4X | 12V 4W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXM1618-12-6X | 12V 6W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXMG1617-12-4X | 12V 4W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXMG1617-12-6X | 12V 6W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXM1623-12-4X | 12V Dual 4W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|