|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LXM1623-12-43 - 12V Dual 4W CCFL Programmable Inverter Module - Microsemi Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LXMG1626-05-66 | 5V 10W Dual CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXM1623-05-4X | 5V Dual 4W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXM1623-05-6X | 5V Dual 6W Programmable CCFL Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXMG1617-05-4X | 5V 4W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXM1618-03-2X | 3.3V 2.2W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| LXM1618-05-4X | 5V 4W CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| DIM600DDM17-A000 | Dual Switch IGBT Module | 1 2 3 4 5 More | Dynex Semiconductor |
| ST7162 | UNIVERSAL PROGRAMMABLE DUAL PLL | 1 2 3 4 5 More | STMicroelectronics |
| ADCMP341_07 | Dual 0.275% Comparators and Reference with Programmable Hysteresis | 1 2 3 4 5 More | Analog Devices |
| CM400DU-24H | Dual IGBTMOD⢠U-Series Module 400 Amperes/1200 Volts | 1 2 3 4 | Powerex Power Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|