|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LX1911 - 1.5A, 1.1MHZ PWM Step-Down Regulator - Microsemi Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FAN2011_06 | 1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| LT1977 | High Voltage 1.5A 500kHz Step-Down Switching Regulator with 100uA Quiescent Current | 1 2 3 4 5 More | Linear Technology |
| LM5575 | 75V 1.5A Step-Down Switching Regulator | Coming Soon | National Semiconductor |
| LM25575 | 42V 1.5A Step-Down Switching Regulator | Coming Soon | National Semiconductor |
| N2576G | 52 KHz 3A Step-Down Switching Voltage Regulator SVR | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| A8499 | High Voltage Step-Down Regulator | 1 2 3 4 5 More | Allegro MicroSystems |
| LM25576 | 42V 3A Step-Down Switching Regulator | Coming Soon | National Semiconductor |
| LM2575_06 | 1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| EL7551_06 | Monolithic 1Amp DC:DC Step-down Regulator | 1 2 3 4 5 More | Intersil Corporation |
| LTC1147-3.3 | High Efficiency Step-Down Switching Regulator Controllers | 1 2 3 4 5 More | Linear Technology |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|