|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DI-122 - 13 W (17.2 W Peak) Non-Isolated Power Supply for White Goods: <150 mW No-load Power Consumption - Power Integrations, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STLD40D | White led power supply for large display backlight | 1 2 3 4 5 More | STMicroelectronics |
| ZGB-01U | EMC Filters for AC Power Supply Cased Compact Size | 1 2 | TDK Electronics |
| SP6415 | Integrated White LED Driver With Organic LED Display Power Supply | 1 2 3 4 5 More | Sipex Corporation |
| DER-45 | 1.8W non-isolated Power Supply using LNK304 | 1 2 3 4 5 More | Power Integrations, Inc. |
| DER-47 | 2W Non-isolated Power Supply using LNK305P | 1 2 3 4 5 More | Power Integrations, Inc. |
| 627V100 | Designed For Pentium Power Supply Surface Mount Resistor Networks | 1 2 3 4 | Bi technologies |
| DER-110 | 7.3 W Dual Output Non-Isolated Power Supply using TNY266P | 1 2 3 4 5 More | Power Integrations, Inc. |
| DER-40 | 21W 45W peak Multiple Output Power Supply using TOP246Y | 1 2 3 4 5 More | Power Integrations, Inc. |
Datasheet Page |
1 2 |
Link URL |
|
|