|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DI-20 - 145 W PC Main ATX Supply - Power Integrations, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BD8160EFV | Main Power Supply For TFT-LCD Display Module | 1 2 3 4 5 More | Rohm |
| NLAS9431 | Low Voltage Single Supply Dual DPDT Analog Switch | 1 2 3 4 5 More | ON Semiconductor |
| LMS202E | 15KV ESD Rated 5V Single Supply TIA/EIA-232 Dual Transceivers | 1 2 3 4 5 More | National Semiconductor |
| SN74AVCA164245 | 16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| TS12A4516 | DUAL SUPPLY LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES | 1 2 3 4 5 More | Texas Instruments |
| S949T_05 | MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage | 1 2 3 4 5 More | Vishay Siliconix |
Datasheet Page |
1 2 |
Link URL |
|
|