|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DER-51 - 16W Power Supply using TOP243P - Power Integrations, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DER-43 | 24.5W Power Supply using DPA424G | 1 2 3 4 5 More | Power Integrations, Inc. |
| DER-44 | 41W 53Wpk Power Supply using TOP246Y | 1 2 3 4 5 More | Power Integrations, Inc. |
| DER-45 | 1.8W non-isolated Power Supply using LNK304 | 1 2 3 4 5 More | Power Integrations, Inc. |
| DER-46 | 4.5W 6Wpk Multiple Output DVB-T Power Supply using TNY264P | 1 2 3 4 5 More | Power Integrations, Inc. |
| DER-47 | 2W Non-isolated Power Supply using LNK305P | 1 2 3 4 5 More | Power Integrations, Inc. |
| DER-50 | 30W Multiple Output Power Supply using TOP245R | 1 2 3 4 5 More | Power Integrations, Inc. |
| DER-37 | 16W Low Profile Adapter Supply using TOP245P | 1 2 3 4 5 More | Power Integrations, Inc. |
| DER-42 | 2.25W Power Supply using LNK520P | 1 2 3 4 5 More | Power Integrations, Inc. |
| DER-41 | 3.7W Power Supply Using TNY263P | 1 2 3 4 5 More | Power Integrations, Inc. |
| DER-38 | 2.4W Power Supply using LNK520P | 1 2 3 4 5 More | Power Integrations, Inc. |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 |
Link URL |
|
|