|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5765 - JAN QUALIFIED HERMETIC LED INDICATORS - Opto Electronics Co,. LTD |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MV5000MP1 | PCB MOUNT LED INDICATORS | 1 2 3 4 5 More | QT Optoelectronics |
| NTE30030 | Super Bright LED Indicators 3mm | 1 2 3 | NTE Electronics |
| NTE30037 | Super Bright LED Indicators 5mm | 1 2 3 | NTE Electronics |
| NTE30053 | Super Bright LED Indicators 8mm | 1 2 3 | NTE Electronics |
| NTE30065 | Super Bright LED Indicators 10mm | 1 2 3 | NTE Electronics |
| NCP5602 | High Efficiency Ultra Small Thinnest White LED Driver | 1 2 3 4 5 More | ON Semiconductor |
| LM3503 | Dual-Display Constant Current LED Driver with Analog Brightness Control | 1 2 3 4 5 More | National Semiconductor |
| SEC2002 | 3x2.5 Bicolor Surface Mount LED Flat Lens | 1 | Sanken electric |
| SEL2013 | 3phi Inverted-cone LED for surface illumination | 1 | Sanken electric |
| SEL6014 | 3phi Round Wide-directivity LED Direct Mount | 1 | Sanken electric |
Datasheet Page |
1 2 |
Link URL |
|
|