|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AMIS-70020 - Power Failure Elapsed Time Counter - AMI SEMICONDUCTOR |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NCP2892 | 1.3 Watt Audio Power Amplifier with Fast Turn On Time | 1 2 3 4 5 More | ON Semiconductor |
| NCP2990 | 1.3 Watt Audio Power Amplifier with Fast Turn On Time | 1 2 3 4 5 More | ON Semiconductor |
| SP8660 | 150MHz÷10 Low Power ECL Counter | 1 2 3 4 5 | Zarlink Semiconductor Inc |
| NCP9002 | 1.3 Watt Audio Power Amplifier with Fast Turn On Time | 1 2 3 4 5 More | ON Semiconductor |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| NCP1215A | Low Cost Variable OFF Time Switched Mode Power Supply Controller | 1 2 3 4 5 More | ON Semiconductor |
| M74HC192 | SYNCHRONOUS UP/DOWN DECADE COUNTER | 1 2 3 4 5 More | STMicroelectronics |
| MC10E137_06 | 5 V ECL 8-Bit Ripple Counter | 1 2 3 4 5 More | ON Semiconductor |
| MC10178_02 | Binary Counter | 1 2 3 4 5 More | ON Semiconductor |
| ICM7217_01 | 4-Digit LED Display Programmable Up/Down Counter | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|