|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TDA1521 - 2 x 12 W hi-fi audio power amplifier - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TDA2613 | 6 W hi-fi audio power amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA2614 | 6 W hi-fi audio power amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA2040 | 20W Hi-Fi AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | STMicroelectronics |
| TDA2615 | 2 x 6 W hi-fi audio power amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA2050 | 32W Hi-Fi AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | STMicroelectronics |
| TDA2051 | 40W Hi-Fi AUDIO POWER AMPLIFIER | 1 | STMicroelectronics |
| TDA2052 | 60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY | 1 2 3 4 5 More | STMicroelectronics |
| TDA1521A | 2 x 6 W hi-fi audio power amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| YD1008 | 22W HI-FI AUDIO POWER AMPLIFIER | 1 2 3 4 | Wuxi Youda electronics Co.,LTD |
| TDA7298 | 28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|