Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      LTC2480(21)    LTC2481(14)    LTC2482(8)    LTC2483(6)    LTC2484(6)    LTC2485(6)    LTC2486(3)    LTC2487(5)    LTC2488(3)    LTC2489(5)

Featured Products and Offers


Datasheet

    LTC2489 - 16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface - Linear Technology

Page

 
Part No. LTC2489
Description  16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  LTC2489 Click to view
File Size   328.94 Kbytes / 24 Pages
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LTC248616-Bit 2-/4-Channel ΔΣ ADC with PGA and Easy Drive Input Current Cancellation 1 2 3 4 5 MoreLinear Technology
LTC248716-Bit 2-/4-Channel ADC with PGA Easy Drive and I2C Interface 1 2 3 4 5 MoreLinear Technology
LTC249516-Bit 8-/16-Channel ΔΣ ADC with PGA Easy Drive and I2C Interface 1 2 3 4 5 MoreLinear Technology
ADS850716-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE 1 2 3 4 5 MoreBurr-Brown Corporation
LNBP21_04LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
PCA9535REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS 1 2 3 4 5 MoreTexas Instruments
MCP342118-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference 1 2 3 4 5 MoreMicrochip Technology
ISL29004Light-to-Digital Output Sensor with Address Selection High Sensitivity Gain Selection Interrupt Function and I2C Interface 1 2 3 4 5 MoreIntersil Corporation
ST72260GX8-BIT MCU WITH FLASH OR ROM MEMORY ADC TWO 16-BIT TIMERS I2C SPI SCI INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
PCA9539REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS 1 2 3 4 5 MoreTexas Instruments

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Link URL

Related keyword

  LTC2489 Datasheet   LTC2489 Cross Reference   LTC2489 Schematic   LTC2489 Distributor   LTC2489 Datenblatt   LTC2489 RoHS
  LTC2489 Equivalent   LTC2489 Application Notes   LTC2489 Data Sheet   LTC2489 component   LTC2489 Fiche Technique   LTC2489 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl