|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SZ5706 - 5.0 WATT 6.8 - 270 VOLTS ZENER DIODES - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SZ6A7.5 | 6.0W 8.0W and 10W 7.5 - 270 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| 3SMAJ5913B | 3.0 Watt Surface Mount Silicon Zener Diodes | 1 2 3 4 | Micro Commercial Components |
| 1N5348BE | 5 Watt Zener Diode 11 to 200 Volts | 1 2 3 4 5 More | Micro Commercial Components |
| SZ25A2.4 | 250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| SZ5A2.4 | 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| SZ3GA7.5 | 3.0 W and 4.0 W 7.5 - 510 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| 1N821UR-1 | TEMPERATURE COMPENSATED ZENER DIODES | 1 2 | Microsemi Corporation |
| BZQ55C2V4 | TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES | 1 2 | Dc Components |
| ST1.5KA7.5 | 1500 WATT 7.5-270 VOLTS TRANSIENT SUPPRESSORS | 1 2 | Solid States Devices, Inc |
| 1SMA10CAT3_06 | 400 Watt Peak Power Zener Transient Voltage Suppressors | 1 2 3 4 5 | ON Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|