|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SZ6A7.5 - 6.0W, 8.0W, and 10W 7.5 - 270 VOLTS ZENER DIODES - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SZ3GA7.5 | 3.0 W and 4.0 W 7.5 - 510 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| SZ25A2.4 | 250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| SZ5A2.4 | 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| SZ5706 | 5.0 WATT 6.8 - 270 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| ST150A7.5 | 150 WATT 7.5 - 510 VOLTS TRANSIENT SUPPRESSOR | 1 2 | Solid States Devices, Inc |
| MGP15N40CL_05 | Ignition IGBT 15 Amps 410 Volts N-Channel TO-220 and D2PAK | 1 2 3 4 5 More | ON Semiconductor |
| 1N935BUR-1 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | 1 2 | Microsemi Corporation |
| DLM4148 | TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES VOLTAGE RANGE - 100 Volts | 1 2 | Dc Components |
| STA15K7.5P | 15 000 WATTS PEAK PULSE POWER 7.5 - 100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR | 1 2 | Solid States Devices, Inc |
| 1N941B | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | 1 2 | Microsemi Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|