|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
S20D30C - 20A DUAL SCHOTTKY BARRIER RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SBL2030CT_1 | 20A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MBR2030CT_1 | 20A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| PMEG3002TV | 0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package | 1 2 3 4 5 More | NXP Semiconductors |
| SBL2030PT_1 | 20A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MBR2070CT_1 | 20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| SB10150CT | 10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| SBG2030CT_1 | 20A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| S16D30C | 16A DUAL SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| SBL30L30CT | 30A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SBR20U150CT | 20A SBR Super Barrier Rectifier | 1 2 3 4 | Diodes Incorporated |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|