|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PFW2500_06 - 25A 1/2 WASHER LEAD PRESS-FIT DIODE - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LD2500_06 | 25A LUCAS TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| LD2520 | 25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| MD2500 | 25A MOTOROLA TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| PF2500_06 | 25A 1/2" PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| BD2500_06 | 25A BOSCH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| PF5000 | 50A 1/2 PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| DD250 | 25A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| PF3520 | 35A AVALANCHE 1/2 PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| DD2520 | 25A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| PF5020 | 50A AVALANCHE 1/2 PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|