|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
P600A - 6.0A STANDARD DIODE - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MR750 | 6.0A STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| BYT51 | Standard Avalanche Sinterglass Diode | 1 2 3 4 5 | Vishay Siliconix |
| BY133_06 | 1.0A HIGH VOLTAGE STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| BY255 | 3.0A HIGH VOLTAGE STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| GS1A_06 | 1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| BY550-50 | 5.0A STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| FR601_06 | 6.0A FAST RECOVERY DIODE | 1 2 3 4 | Won-Top Electronics |
| 1N5391_06 | 1.5A STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| 3PM2 | AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE | 1 2 3 | Semtech Corporation |
| 1N5400_06 | 3.0A STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|