|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
P4SMAJ_06 - 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SMAJ50CA_1 | 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | Diodes Incorporated |
| SMAT70A_1 | 400W 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 | Diodes Incorporated |
| SMCJ50CA_1 | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | Diodes Incorporated |
| 1.5SMCJ_06 | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 More | Won-Top Electronics |
| 1.5SMCJ180 | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 | Won-Top Electronics |
| 3.0SMCJ_06 | 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 More | Won-Top Electronics |
| 3.0SMCJ180 | 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 | Won-Top Electronics |
| SMBJ50CA_1 | 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | Diodes Incorporated |
| P4KE | 400W Transient Voltage Suppressor | 1 2 3 4 | Comchip Technology |
| P4KE_06 | 400W TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 More | Won-Top Electronics |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|