|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAX2043 - 1700MHz to 3000MHz High-Linearity, Low LO Leakage Base-Station Rx/Tx Mixer - Maxim Integrated Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAX2039 | High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch | 1 2 3 4 5 More | Maxim Integrated Products |
| BAV170_1 | DUAL SURFACE MOUNT LOW LEAKAGE DIODE | 1 2 3 | Diodes Incorporated |
| MC13142 | LOW POWER DC - 1.8 GHz LNA MIXER and VCO | 1 2 3 4 5 More | Motorola, Inc |
| SPM6-2200H | LOW COST MINIATURE DOUBLE BALANCED MIXER 10-2200 MHz | 1 | SIRENZA MICRODEVICES |
| BAS116T_1 | SURFACE MOUNT LOW LEAKAGE DIODE | 1 2 3 | Diodes Incorporated |
| BAV116W_1 | SURFACE MOUNT LOW LEAKAGE DIODE | 1 2 3 | Diodes Incorporated |
| BAV3004W_1 | SURFACE MOUNT LOW LEAKAGE DIODE | 1 2 3 | Diodes Incorporated |
| MAX9985 | Dual SiGe High-Linearity 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch | 1 2 3 4 5 More | Maxim Integrated Products |
| BAV199DW_1 | QUAD SURFACE MOUNT LOW LEAKAGE DIODE | 1 2 3 | Diodes Incorporated |
| BAV199W | DUAL SURFACE MOUNT LOW LEAKAGE DIODE | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 |
Link URL |
|
|