|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KBPC602 - 6.0A SINGLE-PHASE BRIDGE RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GBJ6A | 6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBU6A_06 | 6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| KBJ6A_06 | 6.0A SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| BR3505L | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | 1 2 | Dc Components |
| MBR1505W | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | 1 2 | Dc Components |
| 2KBP005M_06 | 2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBJ25A | 25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBU4A_06 | 4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| KBPC15S | 15A SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| KBJ6005G_1 | 6.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|