|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KBP005M - 1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DF150_06 | 1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| 2KBP005M_06 | 2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBL00 | 4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBP200 | 2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| 2W005G | 2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBPC10 | 10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBPC10S | 10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBPC15 | 15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBPC15S_06 | 15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| KBL400G_06 | 4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|