|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
STX6905 - 1 AMP 600 VOLTS PNP TRANSISTOR - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SFT5333 | 2 AMP 100 VOLTS HIGH SPEED PNP TRANSISTOR | 1 2 | Solid States Devices, Inc |
| STX7905 | 1 AMP 600 VOLTS NPN TRANSISTOR | 1 2 | Solid States Devices, Inc |
| MUR1605FCT | 16 Amp Super Fast Recovery Rectifier 50 to 600 Volts | 1 2 3 | Micro Commercial Components |
| SFFC50 | 11 AMP 600 VOLTS 0.6ohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| 1N6690 | 20 AMP 600 - 1200 VOLTS 75 ns ULTRA FAST RECTIFIER | 1 2 | Solid States Devices, Inc |
| SF51G | 5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts | 1 | Micro Commercial Components |
| SFFC40-28 | 4.2 AMP 600 VOLTS 1.2ohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SSG42N60 | 50 AMP 600 VOLTS FAST POWER IGBT | 1 2 | Solid States Devices, Inc |
| SFT8600-4 | 1 AMP 1000 VOLTS NPN TRANSISTOR | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|