|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SSR1645DJ - 16A 45 V SCHOTTKY RECTIFIER - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MBR1630_1 | 16A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SBL1630CT_1 | 16A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SBL1630_1 | 16A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SBL1630PT_1 | 16A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SBG1630CT_1 | 16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MBR0530T1 | Surface Mount Schottky Power Rectifier Plastic SOD−123 Package | 1 2 3 4 | ON Semiconductor |
| MBR2040C | SCHOTTKY BARRIER RECTIFIER DIODES | 1 2 | Unisonic Technologies |
| MBRB1530CT_ | 15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SB320_1 | 3.0A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SB170_1 | 1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
Datasheet Page |
1 2 |
Link URL |
|
|