|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KBJ25A - 25A SINGLE-PHASE BRIDGE RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GBJ25A | 25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBPC25 | 25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBPC25S | 25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBU8A_06 | 8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBJ2A | 2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| MMB1505W | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | 1 2 | Dc Components |
| B40C5000_06 | 5.0A SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBPC15S_06 | 15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| MMB2505 | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts | 1 2 | Dc Components |
| DF005_06 | 1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|