|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DD3520 - 35A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DD2520 | 25A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| DD350 | 35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| DD250 | 25A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| BD3520 | 35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| BD5020 | 50A AVALANCHE BOSCH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| BD3500_06 | 35A BOSCH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| BD2500_06 | 25A BOSCH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| BD5000_06 | 50A BOSCH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| 1N4001G_06 | 1.0A GLASS PASSIVATED STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| GBPC35005_1 | 35A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 |
Link URL |
|
|