Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      PQXXXENA1ZPH(1)

Featured Products and Offers


Datasheet

    PQXXXENA1ZPH - Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators - Sharp Electrionic Components

Page

Part No. PQXXXENA1ZPH
Description  Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  PQXXXENA1ZPH Click to view
File Size   180.49 Kbytes / 7 Pages
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/products/device/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQXXXEN01ZPHLow Voltage Operation Compact Surface Mount type Low Power-Loss Voltage Regulators 1 2 3 4 5 MoreSharp Electrionic Components
PQ1R30_02Low Output Current Compact Surface Mount Type Low Power-Loss Voltage Regulators 1 2 3 4 5 MoreSharp Electrionic Components
PQ1UXX1M2ZPHLow Output Current Compact Surface Mount Type Low Power-Loss Voltage Regulators 1 2 3 4 Sharp Electrionic Components
PQ1XXX1M2ZPHLow Output Current Compact Surface Mount Type Low Power-Loss Voltage Regulators 1 2 3 4 Sharp Electrionic Components
PQXXXDNA1ZPHCompact Surface Mount type Low Power-Loss Voltage Regulators 1 2 3 4 5 MoreSharp Electrionic Components
PQ1KAXX3MZPHCompact Surface Mount Type Low Power-Loss Voltage Regulators 1 2 3 4 Sharp Electrionic Components
PQ1KXX3M2ZPLow Output Current Compact Surface Mount Type Low Power-Loss Voltage Regulators 1 2 3 4 5 Sharp Electrionic Components
PQ1LAX95MSPQCompact Surface Mount Type Low Power-Loss Voltage Regulators 1 2 3 4 Sharp Electrionic Components
PQ1LAXX3MSPQCompact Surface Mount Type Low Power-Loss Voltage Regulators 1 2 3 4 Sharp Electrionic Components
PQ1LXX3M2SPCompact Surface Mount Type Low Output Current Low Power-Loss Voltage Regulators 1 2 3 4 5 Sharp Electrionic Components

Datasheet Page

1 2 3 4 5 6 7


Link URL

Related keyword

  PQXXXENA1ZPH Datasheet   PQXXXENA1ZPH Cross Reference   PQXXXENA1ZPH Schematic   PQXXXENA1ZPH Distributor   PQXXXENA1ZPH Datenblatt   PQXXXENA1ZPH RoHS
  PQXXXENA1ZPH Equivalent   PQXXXENA1ZPH Application Notes   PQXXXENA1ZPH Data Sheet   PQXXXENA1ZPH component   PQXXXENA1ZPH Fiche Technique   PQXXXENA1ZPH Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl