|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BD2500_06 - 25A BOSCH TYPE PRESS-FIT DIODE - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| XB01SB04A2BR | Schottky Barrier Diode 1A 40V Type | 1 2 3 4 | Torex Semiconductor |
| 1SV161 | Silicon Epitaxial Planar Type Variable Capacitance Diode | 1 | Toshiba Semiconductor |
| BYP53 | 25A Silicon Power Rectifier Diode | 1 2 3 4 5 | Zetex Semiconductors |
| BYY53 | 25A Silicon Power Rectifier Diode | 1 2 3 4 5 More | Zetex Semiconductors |
| AR25A_06 | 25A AUTOMOTIVE BUTTON DIODE | 1 2 3 | Won-Top Electronics |
| HFA25TB60S | Ultrafast Soft Recovery Diode | 1 2 3 4 5 More | International Rectifier |
| LM95234 | Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm⢠Technology | 1 2 3 4 5 | National Semiconductor |
| HVD380B | Variable Capacitance Diode for VCO | 1 2 3 4 5 More | Renesas Technology Corp |
| M63826P | 7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE | 1 2 3 4 | Mitsubishi Electric Semiconductor |
| STTH2002 | Ultrafast recovery diode | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 |
Link URL |
|
|