|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SSR02C60 - 2 AMP / 600 V SILICON CARBIDE SCHOTTKY RECTIFIER - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SSR24C60CT | 24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER | 1 2 | Solid States Devices, Inc |
| SSR05C60 | 5 AMP / 600V SILICON CARBIDE SCHOTTKY RECTIFIER | 1 2 3 | Solid States Devices, Inc |
| SSR04C60CT | 4A / 600V Schottky Silicon Carbide Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| SSR40C30CT | 40A / 300V Schottky Silicon Carbide Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| SSR20C30CT | 20A / 300V Schottky Silicon Carbide Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| MUR1605FCT | 16 Amp Super Fast Recovery Rectifier 50 to 600 Volts | 1 2 3 | Micro Commercial Components |
| 10CTQ150PBF | SCHOTTKY RECTIFIER 10 Amp | 1 2 3 4 5 More | International Rectifier |
| MBR5200 | 5 Amp Schottky Barrier Rectifier 200 Volts | 1 2 | Micro Commercial Components |
| SK62 | 6 Amp Schottky Rectifier 20 to 100 Volts | 1 2 3 | Micro Commercial Components |
| SED15HB60 | 15 AMP 60 VOLTS SCHOTTKY RECTIFIER | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 3 |
Link URL |
|
|