|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
B1S_06 - 0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RH02_1 | 0.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| DF005S_1 | 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| DF15005S_1 | 1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| HD01_1 | 0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| DL4001_1 | 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
| S1A_1 | 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
| S2A_1 | 1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
| S3A_1 | 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
| S5AC_1 | 5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|