|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4761A - 1.0W ZENER DIODE - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N4728A_1 | 1.0W ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| SMAZ5V1_1 | 1.0W SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| KDZ3.6B | Zener diode | 1 2 3 4 5 | Diodes Incorporated |
| EDZ7.5B_1 | Zener diode | 1 2 3 4 5 | Rohm |
| EDZ16B_1 | Zener diode | 1 2 3 4 5 | Rohm |
| BZT52C2V0S_1 | SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| QZX363C5V6_1 | QUAD SURFACE MOUNT ZENER DIODE ARRAY | 1 2 3 | Diodes Incorporated |
| DDZX9689TS | TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY | 1 2 3 4 5 More | Diodes Incorporated |
| PD3Z284C2V4 | 0.5W SURFACE MOUNT ZENER DIODE | 1 2 3 4 5 | Diodes Incorporated |
| MMBZ5221BS_1 | 200mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|