|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SSR20C30CT - 20A / 300V Schottky Silicon Carbide Centertap Rectifier - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SSR40C30CT | 40A / 300V Schottky Silicon Carbide Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| SSR04C60CT | 4A / 600V Schottky Silicon Carbide Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| SSR05C60 | 5 AMP / 600V SILICON CARBIDE SCHOTTKY RECTIFIER | 1 2 3 | Solid States Devices, Inc |
| SSR24C60CT | 24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER | 1 2 | Solid States Devices, Inc |
| SBL2030CT_1 | 20A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MBR2030CT_1 | 20A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SSR4045CT-61 | 10 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER | 1 2 | Solid States Devices, Inc |
| SBL2030PT_1 | 20A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SSR4045CT-3 | 40 AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER | 1 2 | Solid States Devices, Inc |
| MBR2070CT_1 | 20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
Datasheet Page |
1 2 |
Link URL |
|
|